Part Number Hot Search : 
LM393AFE L6004F81 SKM40 SKIIP3 TA58L09F TM782 BSL40 PN7222
Product Description
Full Text Search
 

To Download MBRB2030CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MBRB2020CT THRU MBRB20100CT
20 Amp
Schottky
Meatl of Silicon Rectifier, Majority Conducton Guard ring for transient protection Low Forward Voltage Drop High Current Capability, High Efficiency Low Power Loss
Barrier Rectifier 20 to 100 Volts
D2-PACK
S
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Catalog Number MBRB2020CT MBRB2030CT MBRB2035CT MBRB2040CT MBRB2045CT MBRB2060CT MBRB2080CT MBRB20100CT Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V Maximum RMS Voltage 14V 21V 24.5V 28V 31.5V 42V 56V 70V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
A 1 G 2 3 D 4
V
B
H E K
C
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 2020CT-2045CT 2060CT 2080CT-20100 Maximum DC Reverse Current At Rated DC Blocking Voltage 2020CT-2045CT 2060CT-20100CT IF(AV) IFSM 20 A 150A TA = 125C 8.3ms, half sine
J
DIMENSIONS INCHES MIN MAX .340 .380 .380 .405 .160 .190 .020 .035 .45 .055 .100 BSC .080 .110 .018 .025 .090 .110 .575 .62 5 .045 .055 MM MIN 8.64 9.65 4.06 .051 1.14 2.54 2.03 0.46 2.29 14.60 1.14
VF
.84V .80V .85V
IFM = 20A; IFM =10 A TA = 25C
DIM A B C D E. G H J K S V
MAX 9.65 10.29 4.83 0.89 1.40 BSC 2.79 0.64 2.79 15.88 1.40
NOTE
IR
0.1mA 0.15mA
TA = 25C
*Pulse Test: Pulse Width 300sec, Duty Cycle 1%
www.mccsemi.com
MBRB2020CT thru MBRB20100CT
Figure 1 Typical Forward Characteristics 100 60 40 20 2020CT-1645CT 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .3 .4 .5 .6 .7 .8 2080-20100CT .2 TJ=25C mAmps .1 .06 .04 .02 .01 .006 .004 4 .002 .001 20 50 75 2060CT 10 6 4 2 1 .6 .4
MCC
Figure 2 Typical Reverse Characteristics
100 Volts
125 150
175
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 20
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Peak Forward Surge Current 150
18 125 14 100 75 Amps 8 25 5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 125 150 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 50
10 Amps
2
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBRB2030CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X